model no. rev. ningbo foryard optoelectronics co.,ltd add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 rohs compliant. low current operation low power consumption. http://www.foryard.com checked by approved by customer approved signatures prepared by product specification model no. fyt-5231c/dx-xx fyt-5231c/dx-xx a descriptions & features: 0.52 inch (13.20mm) digit height three digits displ ay case mold type. easy mounting on p.c. board or socket.
model no. rev. -xx: ref surface / epoxy color 1 2 3 black gray red white red green mechanical dimensions notes: 1. all pins are 0.51[.020]mm 2. dimension in millimeter [inch], tolerance is 0. 25 [.010] and angle is 1 unless otherwise noted. 3. bending length*1%. 4.the specifications,characteristics and technical data described in the datasheet are subject to chan ge without prior notice. page 2/5 color number 0 model no. fyt-5231c/dx-xx water clear 4 green yellow ref surface color white epoxy color fyt-5231c/dx-xx a http://www.foryard.com
model no. rev. all light on segments feature & pin position internal circuit diagrams page 3/5 http://www.foryard.com model no. fyt-5231c/dx-xx fyt-5231c/dx-xx a
model no. rev. min 5 -40 -40 electrical-optical characteristics color code & chip characteristics:(test condition:i f=20ma) typ h red 90nm 2.00 s hi red 20nm 1.80 d super red 20nm 1.90 e orange 35nm 1.90 a amber 35nm 1.90 y yellow 35nm 1.90 g green 10nm 1.90 3.40 2.80 2.80 pg pure green 36nm 2.80 w white cct:9500k 2.80 uhr ultra hi red 20nm 1.90 ur ultra red 20nm 1.90 ue ultra orange 20nm 1.90 ua ultra amber algainp 20nm 1.90 2.50 uy ultra yellow algainp 20nm 1.90 2.50 ug ultra green algainp 30nm 1.90 2.50 pg ultra pure green ingan 36nm 2.80 3.80 bg ultra bluish green ingan 36nm 2.80 3.80 30nm 2.80 30nm 2.80 uw ultra white cct:9500k 2.80 note: 1.luminous intensity is based on the foryard standa rds. 2.pay attention about static for ingan page 4/5 pulse current ipeak duty=0.1ms,1khz forward current if power dissipation symbol parameter value reverse voltage vr ir=30 gap algaas/sh 660nm 700nm gap 2.50 +85 13~18 14~18 570nm 590nm 15~20 14~20 610nm 1 luminous intensity (iv) unit:mcd 3.80 ma 150 b blue ingan ultra brightness http://www.foryard.com segment-to-segment luminous intensity ratio(iv-m) 1.5:1 610nm 6~12(mw) 4~6(mw) 470nm 80~90~120 3.80 80~90~120 ultra blue ingan x=0.29,y=0.30 26~38 13~18 625nm gaasp gaasp 2.50 2.50 0.7~1(mw) 60~120 20~30 260~310 ingan ingan algainp 640nm 30~60 520nm 430nm 6~12(mw) 40~100~150 algainp 625nm 2.50 2.50 2.50 algainp 460nm 520nm ingan 60nm 3.80 3.80 4.40 x=0.29,y=0.30 3.80 ub 460nm 635nm 3.80 570nm gaasp 2.50 algaas/dh 650nm 2.50 tstr +85 operating temperature max unit test condition peak wave length( p ) spectral line halfwidth(? 1/2) ma mw standard brightness forward voltage(vf) unit:v 30 2.50 storage temperature topr max emitting color dice material 2.50 absolute maximum ratings (ta=25 ) 260~310 60~100 50~140~190 180~200 3.80 470nm 505nm 30~60~80 590nm (ta=25 ) fyt-5231c/dx-xx a model no. fyt-5231c/dx-xx 100 v pd
model no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 5/5 http://www.foryard.com fyt-5231c/dx-xx a model no. fyt-5231c/dx-xx foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led ledled led pn:fyt-5231xx-xx qty: 3072 pcs date:xxxx/xx/xx gw: 21.38kg nw: 23.94kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention part no: fy t-5231xx-xx date:xxxx/xx/xx q'ty: 192 pcs 48pcs/foam 4foams/bag 4bags/box 4boxes/carton outside label qc: qc pass foryard o p t o e l e c t r o n i c s qc: qc pass xxxxxxxxxx 56.0 3 6 . 0 3 1 . 0 54.0 1 7 . 0 1 4 . 5 rohs rohs rohs rohs outside label
|